Part Number Hot Search : 
BAT54A LA4287 3B502G DTA143E ZMM130 FR206GPT 6LT1G GS25E12
Product Description
Full Text Search
 

To Download XM-L-COLOR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cree xm-l color series features a pplications > red, green, blue and white in a single 5 mm x 5 mm package > architectural > maximum drive current per led die: 1 a > entertainment > individually addressable leds > vehicle > electrically neutral thermal path flux characteristics @ 25c color dwl (nm) or cct (typ.) kit used red 620-635 green 520-535 royal blue 450-465 cool white 5700-8000 neutral white 3700-4300 characteristics unit minimum typical maximum viewing angle (fwhm) degrees 130 thermal resistance, junction to solder point c/w 3.5 esd classification (hbm per mil-std-883d) class 2 led junction temperature c 150 temperature coefficient of voltage - red mv/c -1.8 temperature coefficient of voltage - green mv/c -4 temperature coefficient of voltage - blue, white mv/c -3 reverse voltage - red, green, blue, white v 2.25 2.6 reverse voltage - green v 3.3 3.9 reverse voltage - blue, white v 3.1 3.7 it is highly recommended for the user to review the cree series page for additional and most recent technical data at: http://www.cree.com/led-components-and-modules/products/xlamp/arrays-directional/xlamp-xml-color cree xm-l color series on board min.flux (lm) @350ma 45.7 87.4 cree xlamp xm-l color leds are the brightest and smallest multi-colored leds of their class, delivering red, green, royal-blue and white in one led at twice the lumens-per-dollar of the mc-e color led. the xm-l color led is 60% smaller than the mc-e led, reducing the distance between led die to create a small optical source for excellent optical control, efficient color mixing and simplified design. 13.9 80-100 80-100 c3abc02 (6000k) c2abcb1 (4000k) global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com
hardware (not included) > mount with #4 machine screws. > 16awg maximum wire gauge. > use only with constant current power supplies. pcb fabrication > layer count: 1 > core material: 6061-t6 aluminum > single layer copper weight: 1oz > solder mask: white > finishing plating: pb free hasl * exceeding maximum ratings may damage the led and cause potential safety hazards. * elevated operating temperatures can be expected to negatively impact the service life (lumen output) * all data is related to entire assembly. data reflects statistical mean values. actual data may differ depending on variances in the manufacturing process. * end users need to take into account the lumen depreciation as the temperature rises with various thermal solutions installed. note 1: using continuously under elevated loads (i.e. the application of high temperature/current/voltage or a significant change in temperature, etc.) may cause this product to significantly decrease in reliability even if the operating conditions are within the absolute maximum ratings. note 2: the thermal resistance from the led junction to ambient temperature, rth(j-a), should be kept below 10c/w so that the led is not exposed to a condition beyond the absolute maximum ratings. note 3: the temperature of the led assembly must be measured at the tc-point according to en60598-1 in a thermally constant status with a temperature sensor or a temperature sensitive label. cree xm-l color series on board global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com


▲Up To Search▲   

 
Price & Availability of XM-L-COLOR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X